Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2753 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2753
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2753_15 Datasheet HTML 10Page - Linear Technology LTC2753_15 Datasheet HTML 11Page - Linear Technology LTC2753_15 Datasheet HTML 12Page - Linear Technology LTC2753_15 Datasheet HTML 13Page - Linear Technology LTC2753_15 Datasheet HTML 14Page - Linear Technology LTC2753_15 Datasheet HTML 15Page - Linear Technology LTC2753_15 Datasheet HTML 16Page - Linear Technology LTC2753_15 Datasheet HTML 17Page - Linear Technology LTC2753_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2753
14
2753f
Output Ranges
The LTC2753 is a dual current-output, parallel-input preci-
sion multiplying DAC with software-programmable output
ranges. SoftSpan provides two unipolar output ranges
(0V to 5V and 0V to 10V), and four bipolar ranges (±2.5V,
±5V, ±10V and –2.5V to 7.5V). These ranges are obtained
when an external precision 5V reference is used. When
a reference voltage of 2V is used, the SoftSpan ranges
become: 0V to 2V, 0V to 4V, ±1V, ±2V, ±4V and –1V to 3V.
The output ranges are linearly scaled for references other
than 2V and 5V.
Digital Section
The LTC2753 has 4 internal registers for each DAC, a total
of 8 registers (see Block Diagram). Each DAC channel has
two sets of double-buffered registers—one set for the data,
and one set for the span (output range) of the DAC. The
double-buffered feature provides the capability to simulta-
neously update the span and code, which allows smooth
voltage transitions when changing output ranges. It also
permits the simultaneous updating of multiple DACs.
Each set of double-buffered registers comprises an input
register and a DAC register. The input registers are holding
buffers—when data is loaded into an input register via a
write operation, the DAC outputs are not affected.
The contents of a DAC register, on the other hand, di-
rectly control the DAC output voltage or output range.
The contents of the DAC registers are changed by copying
the contents of an input register into its associated DAC
register via an update operation.
Write and Update Operations
The data input register of the addressed DAC is loaded
directly from a 16-bit microprocessor bus by holding the
D/S pin low and pulsing the WR pin low (write operation).
The DAC register is loaded by pulsing the UPD pin high
(update operation), which copies the data held in the input
register into the DAC register. Note that updates always
include both data and span; but the DAC register values
will not change unless the input register values have previ-
ously been changed via a write operation.
Loading the span input register is accomplished similarly,
holding the D/S pin high and bringing the WR pin low. The
span and data register structures are the same except for
the number of parallel bits—the span registers have 3 bits,
while the data registers have 12, 14, or 16.
To make both registers transparent for flowthrough
mode, tie WR low and UPD high. However, this defeats
the deglitcher operation and output glitch impulse may
increase. The deglitcher is activated on the rising edge
of the UPD pin.
The interface also allows the use of the input and DAC
registers in a master-slave, or edge-triggered, configura-
tion. This mode of operation occurs when WR and UPD
are tied together and driven by a single clock signal. The
data bits are loaded into the input register on the falling
edge of the clock and then loaded into the DAC register
on the rising edge.
It is possible to control both data and span on one 16-bit
wide data bus by allowing span pins S2 to S0 to share
bus lines with the data LSBs (D2 to D0). No write or read
operation includes both span and data, so there cannot
be a conflict.
The asynchronous clear pin resets both DACs to 0V in any
output range. CLR resets all data registers, while leaving
the span registers undisturbed.
OPERATION
Figure 1. Using MSPAN to Configure the LTC2753 for Single-Span
Operation (±10V Range).
LTC2753-16
MSPAN
S2
S1
S0
D/S
DAC B
DAC A
2753 F01
WR
UPD
READ
A1
A0
DATA I/O
16
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com