Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2753 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2753
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2753_15 Datasheet HTML 11Page - Linear Technology LTC2753_15 Datasheet HTML 12Page - Linear Technology LTC2753_15 Datasheet HTML 13Page - Linear Technology LTC2753_15 Datasheet HTML 14Page - Linear Technology LTC2753_15 Datasheet HTML 15Page - Linear Technology LTC2753_15 Datasheet HTML 16Page - Linear Technology LTC2753_15 Datasheet HTML 17Page - Linear Technology LTC2753_15 Datasheet HTML 18Page - Linear Technology LTC2753_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC2753
15
2753f
OPERATION
the D/S pin. The selected I/O port’s pins become logic
outputs during readback, while the unselected I/O port’s
pins remain high-impedance inputs.
With the DAC channel and I/O port selected, assert READ
high and select the desired input or DAC register using the
UPD pin. Note that UPD is a two function pin—the update
function is only available when READ is low. When READ
is high, the update function is disabled and the UPD pin
instead selects the input or DAC register for readback.
Table 1 shows the readback functions for the LTC2753.
Table 1. Write, Update and Read Functions
READ D/S
WR UPD
SPAN I/O
DATA I/O
0
0
0
0
-
Write to Input Register
0
0
0
1
-
Write/Update
(Transparent)
00
1
0
-
-
0
0
1
1
Update DAC Register
Update DAC Register
0
1
0
0
Write to Input Register
-
0
1
0
1
Write/Update
(Transparent)
-
01
1
0
-
-
0
1
1
1
Update DAC register
Update DAC Register
1
0
X
0
-
Read Input Register
1
0
X
1
-
Read DAC Register
1
1
X
0
Read Input Register
-
1
1
X
1
Read DAC Register
-
X = Don’t Care
The most common readback task is to check the contents
of an input register after writing to it, before updating the
new data to the DAC register. To do this, hold UPD low
and assert READ high. The contents of the selected port’s
input register are output to its I/O pins.
To read back the contents of a DAC register, hold UPD low
and assert READ high, then bring UPD high to select the
DAC register. The contents of the selected DAC register are
output by the selected port’s I/O pins. Note: if no update is
desired after the readback operation, UPD must be returned
low before bringing READ low; otherwise the UPD pin will
revert to its primary function and update the DAC.
These devices also have a power-on reset that initializes
both DACs to VOUT = 0V in any output range. The DACs
power up in the 0V-5V range if the part is in SoftSpan
configuration; for manual span (see Manual Span Configu-
ration below), both DACs power up in the manually-chosen
range at the appropriate code.
Manual Span Configuration
Multiple output ranges are not needed in some applications.
To configure the LTC2753 for single-span operation, tie the
MSPAN pin to VDD and the D/S pin to GND. The desired
output range is then specified by the span I/O pins (S0,
S1 and S2) as usual, but the pins are programmed by ty-
ing directly to GND or VDD (see Figure 1 and Table 2). In
this configuration, both DAC channels will initialize to the
chosen output range at power-up, with VOUT = 0V.
When configured for manual span operation, span pin
readback is disabled.
Readback
The contents of any one of the 8 interface registers can
be read back from the I/O ports.
The I/O pins are grouped into two ports: data and span. The
data I/O port comprises pins D0-D11, D0-D13 or D0-D15
(LTC2753-12, LTC2753-14 or LTC2753-16, respectively).
The span I/O port comprises pins S0, S1 and S2 for all
parts.
Each DAC channel has a set of data registers that are
controlled and read back from the data I/O port; and a set
of span registers that are controlled and read back from
the span I/O port. The register structure is shown in the
Block Diagram.
A readback operation is initiated by asserting READ to
logic high after selecting the desired DAC channel and I/O
port. The I/O pins, which are high-impedance digital inputs
when READ is low, selectively change to low-impedance
logic outputs during readback.
Select the DAC channel with address pins A1 and A0, and
select the I/O port (data or span) to be read back with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com