Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2753 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2753
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 3 Page - Linear Technology

  LTC2753_15 Datasheet HTML 1Page - Linear Technology LTC2753_15 Datasheet HTML 2Page - Linear Technology LTC2753_15 Datasheet HTML 3Page - Linear Technology LTC2753_15 Datasheet HTML 4Page - Linear Technology LTC2753_15 Datasheet HTML 5Page - Linear Technology LTC2753_15 Datasheet HTML 6Page - Linear Technology LTC2753_15 Datasheet HTML 7Page - Linear Technology LTC2753_15 Datasheet HTML 8Page - Linear Technology LTC2753_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2753
3
2753f
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL PARAMETER
CONDITIONS
LTC2753-12
LTC2753-14
LTC2753B-16
LTC2753A-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Static Performance
Resolution
12
14
16
16
Bits
Monotonicity
12
14
16
16
Bits
DNL
Differential
Nonlinearity
±1
±1
±1
±0.2
±1
LSB
INL
Integral
Nonlinearity
±1
±1
±2
±0.4
±1
LSB
GE
Gain Error
All Output
Ranges
±0.5
±2
±1.5
±5
±20
±4
±14
LSB
GETC
Gain Error Temp-
erature Coefficient
ΔGain/ΔTemp
±0.6
±0.6
±0.6
±0.6
ppm/°C
BZE
Bipolar Zero Error
All Bipolar
Ranges
±0.2
±1
±0.6
±3
±12
±2
±8
LSB
BZSTC
Bipolar Zero Temp-
erature Coefficient
±0.5
±0.5
±0.5
±0.5
ppm/°C
PSR
Power Supply
Rejection
VDD = 5V, ±10%
VDD = 3V, ±10%
±0.025
±0.06
±0.1
±0.25
±0.4
±1
±0.03
±0.1
±0.2
±0.5
LSB/V
ILKG
IOUT1 Leakage
Current
TA = 25°C
TMIN to TMAX
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
nA
CIOUT1
Output
Capacitance
Full-Scale
Zero Scale
75
45
75
45
75
45
75
45
pF
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resistances (Note 3)
R1, R2
Reference Inverting Resistors
(Note 4)
16
20
RREF
DAC Input Resistance
810
RFB
Feedback Resistor
(Note 3)
810
ROFS
Bipolar Offset Resistor
(Note 3)
16
20
RVOS
Offset Adjust Resistor
800
1000
Dynamic Performance
Output Settling Time
0V to 10V Range, 10V Step. To ±0.0015% FS
(Note 5)
2μs
Glitch Impulse
(Note 6)
1
nV•s
Digital-to-Analog Glitch Impulse
(Note 7)
1
nV•s
Multiplying Feedthrough Error
0V to 10V Range, VREF = ±10V, 10kHz
Sine Wave
0.5
mV
THD
Total Harmonic Distortion
(Note 8) Multiplying
–110
dB
Output Noise Voltage Density
(Note 9) at IOUT1
13
nV/√⎯H⎯z
VDD = 5V, VREF = 5V unless otherwise specified. The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com