Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2753 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2753
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 5 Page - Linear Technology

  LTC2753_15 Datasheet HTML 1Page - Linear Technology LTC2753_15 Datasheet HTML 2Page - Linear Technology LTC2753_15 Datasheet HTML 3Page - Linear Technology LTC2753_15 Datasheet HTML 4Page - Linear Technology LTC2753_15 Datasheet HTML 5Page - Linear Technology LTC2753_15 Datasheet HTML 6Page - Linear Technology LTC2753_15 Datasheet HTML 7Page - Linear Technology LTC2753_15 Datasheet HTML 8Page - Linear Technology LTC2753_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2753
5
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
26
ns
t18
D/S Valid to READ Rising Edge
(Note 10)
7ns
t19
READ Rising Edge to UPD Rising Edge
No Update
0ns
t20
UPD Falling Edge to READ Falling Edge
No Update
0ns
t22
READ Falling Edge to UPD Rising Edge
(Note 10)
7ns
t23
I/O Bus Hi-Z to READ Rising Edge
(Note 10)
0ns
t24
READ Falling Edge to I/O Bus Active
(Note 10)
20
ns
CLR Timing
t25
CLR Pulse Width Low
15
ns
VDD = 2.7V to 3.3V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
15
ns
t2
I/O Valid to WR Rising Edge Hold
15
ns
t3
WR Pulse Width Low
30
ns
t4
UPD Pulse Width High
30
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 10)
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
7ns
t8
WR Rising Edge to D/S Valid Hold Time
7ns
t9
A1-A0 Valid to WR Falling Edge Setup Time
7ns
t10
WR Rising Edge to A1-A0 Valid Hold Time
0ns
t11
A1-A0 Valid to UPD Rising Edge Setup Time
15
ns
t12
UPD Falling Edge to A1-A0 Valid Hold Time
15
ns
Readback Timing
t13
WR Rising Edge to Read Rising Edge
10
ns
t14
Read Falling Edge to WR Falling Edge
(Note 10)
35
ns
t15
Read Rising Edge to I/O Propagation Delay
CL = 10pF
53
ns
t26
A1-A0 Valid to READ Rising Edge Setup Time
35
ns
t27
READ Falling to A1-A0 Valid Hold Time
(Note 10)
0ns
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
43
ns
t18
D/S Valid to Read Rising Edge
(Note 10)
12
ns
t19
Read Rising Edge to UPD Rising Edge
No Update
0ns
t20
UPD Falling Edge to Read Falling Edge
No Update
0ns
TIMING CHARACTERISTICS The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com