Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
33
Figure 1.9.5. Typical bus timings using software wait
Output
Input
Address
Address
< Separate bus (with wait) >
BCLK
Read signal
Write signal
Data bus
BCLK
Read signal
Address bus/
Data bus
Chip select (Note 2)
Address
Address
Data output
Address
Address
Input
ALE
< Multiplexed bus >
Write signal
BCLK
Read signal
Write signal
Address bus (Note 2)
Address
Address
Bus cycle (Note 1)
< Separate bus (no wait) >
Output
Data bus
Input
Note 1: These example timing charts indicate bus cycle length.
After this bus cycle sometimes come read and write cycles in succession.
Note 2: The address bus and chip select may be extended depending on the CPU status
such as that of the instruction queue buffer.
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Address bus (Note 2)
Address bus (Note 2)
Chip select (Note 2)
Chip select (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com