Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generating Circuit
35
Clock Control
Figure 1.10.3 shows the block diagram of the clock generating circuit.
Sub clock
CM04
fC32
CM0i : Bit i at address 000616
CM1i : Bit i at address 000716
WDCi : Bit i at address 000F16
XCIN
CM10 “1”
Write signal
1/32
XCOUT
Q
S
R
WAIT instruction
XOUT
Main clock
CM05
fC
CM02
f1
Q
S
R
NMI
Interrupt request
level judgment
output
RESET
Software reset
fC
CM07=0
CM07=1
fAD
Divider
a
d
1/2
1/2
1/2
1/2
CM06=0
CM17,CM16=00
CM06=0
CM17,CM16=01
CM06=0
CM17,CM16=10
CM06=1
CM06=0
CM17,CM16=11
d
a
Details of divider
XIN
f8
f32
c
b
b
1/2
c
f32SIO2
f8SIO2
f1SIO2
BCLK
Figure 1.10.3. Clock generating circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com