Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
30
_____
________
Figure 1.9.3. Example of RD signal extended by RDY signal
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
BCLK
RD
CSi
(i=0 to 3)
RDY
tsu(RDY - BCLK)
In an instance of separate bus
In an instance of multiplexed bus
Accept timing of RDY signal
: Wait using RDY signal
: Wait using software
Accept timing of RDY signal
________
Note: The RDY signal cannot be received immediately prior to a software wait.
Table 1.9.5. Microcomputer status in ready state (Note)
Item
Status
Oscillation
On
___
_____
R/W signal, address bus, data bus, CS
________
Maintain status when RDY signal received
__________
ALE signal, HLDA, programmable I/O ports
Internal peripheral circuits
On
________
(5) The RDY signal
________
RDY is a signal that facilitates access to an external device that requires long access time. As shown in
________
Figure 1.9.3, if an “L” is being input to the RDY at the BCLK falling edge, the bus turns to the wait state. If
________
an “H” is being input to the RDY pin at the BCLK falling edge, the bus cancels the wait state. Table 1.9.5
shows the state of the microcomputer with the bus in the wait state, and Figure 1.9.3 shows an example
____
________
in which the RD signal is prolonged by the RDY signal.
________
The RDY signal is valid when accessing the external area during the bus cycle in which bits 4 to 7 of the
________
chip select control register (address 000816) are set to “0”. The RDY signal is invalid when setting “1” to
________
all bits 4 to 7 of the chip select control register (address 000816), but the RDY pin should be treated as
properly as in non-using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com