Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 34 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generating Circuit
34
Figure 1.10.2. Examples of sub-clock
Table 1.10.1. Main clock and sub-clock generating circuits
Clock Generating Circuit
The clock generating circuit contains two oscillator circuits that supply the operating clock sources to the
CPU and internal peripheral units.
Example of oscillator circuit
Figure 1.10.1 shows some examples of the main clock circuit, one using an oscillator connected to the
circuit, and the other one using an externally derived clock for input. Figure 1.10.2 shows some examples
of sub-clock circuits, one using an oscillator connected to the circuit, and the other one using an externally
derived clock for input. Circuit constants in Figures 1.10.1 and 1.10.2 vary with each oscillator used. Use
the values recommended by the manufacturer of your oscillator.
Figure 1.10.1. Examples of main clock
Main clock generating circuit
Sub-clock generating circuit
Use of clock
• CPU’s operating clock source
• CPU’s operating clock source
• Internal peripheral units’
• Timer A/B’s count clock
operating clock source
source
Usable oscillator
Ceramic or crystal oscillator
Crystal oscillator
Pins to connect oscillator
XIN, XOUT
XCIN, XCOUT
Oscillation stop/restart function
Available
Available
Oscillator status immediately after reset
Oscillating
Stopped
Other
Externally derived clock can be input
Microcomputer
(Built-in feedback resistor)
XIN
XOUT
Externally derived clock
Open
Vcc
Vss
Microcomputer
(Built-in feedback resistor)
XIN
XOUT
Rd
CIN
COUT
(Note)
Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive
capacity setting. Use the value recommended by the maker of the oscillator.
When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's
data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XIN
and XOUT following the instruction.
Microcomputer
(Built-in feedback resistor)
XCIN
XCOUT
Externally derived clock
Open
Vcc
Vss
Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive
capacity setting. Use the value recommended by the maker of the oscillator.
When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's
data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XCIN
and XCOUT following the instruction.
Microcomputer
(Built-in feedback resistor)
XCIN
XCOUT
(Note)
CCIN
CCOUT
RCd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com