Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 32 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 32 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
32
(9) Software wait
A software wait can be inserted by setting the wait bit (bit 7) of the processor mode register 1 (address
000516) (Note) and bits 4 to 7 of the chip select control register (address 000816).
A software wait is inserted in the internal ROM/RAM area and in the external memory area by setting the
wait bit of the processor mode register 1. When set to “0”, each bus cycle is executed in one BCLK cycle.
When set to “1”, each bus cycle is executed in two or three BCLK cycles. After the microcomputer has been
reset, this bit defaults to “0”. When set to “1”, a wait is applied to all memory areas (two or three BCLK
cycles), regardless of the contents of bits 4 to 7 of the chip select control register. Set this bit after referring
to the recommended operating conditions (main clock input oscillation frequency) of the electric character-
________
istics. However, when the user is using the RDY signal, the relevant bit in the chip select control register’s
bits 4 to 7 must be set to “0”.
When the wait bit of the processor mode register 1 is “0”, software waits can be set independently for
each of the 4 areas selected using the chip select signal. Bits 4 to 7 of the chip select control register
_______
_______
correspond to chip selects CS0 to CS3. When one of these bits is set to “1”, the bus cycle is executed in
one BCLK cycle. When set to “0”, the bus cycle is executed in two or three BCLK cycles. These bits
default to “0” after the microcomputer has been reset.
The SFR area is always accessed in two BCLK cycles regardless of the setting of these control bits. Also,
insert a software wait if using the multiplex bus to access the external memory area.
Table 1.9.8 shows the software wait and bus cycles. Figure 1.9.5 shows example bus timing when using
software waits.
Note: Before attempting to change the contents of the processor mode register 1, set bit 1 of the protect
register (address 000A16) to “1”.
Area
Bus status
Wait bit
Bits 4 to 7 of chip select
control register
Bus cycle
Invalid
1
2 BCLK cycles
External
memory
area
Separate bus
0
1
1 BCLK cycle
Separate bus
0
0
2 BCLK cycles
Separate bus
1
0 (Note)
2 BCLK cycles
Multiplex bus
0
0
3 BCLK cycles
Multiplex bus
1
3 BCLK cycles
0 (Note)
SFR
Internal
ROM/RAM
0
Invalid
1 BCLK cycle
Invalid
Invalid
2 BCLK cycles
Note: When using the RDY signal, always set to “0”.
Table 1.9.8. Software waits and bus cycles
(8) BCLK output
The user can choose the BCLK output by use of bit 7 of processor mode register 0 (000416) (Note).
When set to “1”, the output floating.
Note: Before attempting to change the contents of the processor mode register 0, set bit 1 of the protect
register (address 000A16) to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com