Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 272 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 272 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 272 / 274 page
background image
Contents for change
Revision
date
Version
Revision history
M16C/62A Group data sheet
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
272
Revision History
REV.A1
99.12.21
Page 145 Note 2
• Before data can be written to the SI/Oi transmit/receive register (addresses
036016, 036416), the CLKi pin input must be in the low state. Also, before rewriting
the SI/Oi Control Register (addresses 036216, 036616)’s bit 7 (SOUTi initial value
set bit), make sure the CLKi pin input is held low. ---> • Before data can be written
to the SI/Oi transmit/receive register (addresses 036016, 036416), the CLKi pin
input must be in the high state. Also, before rewriting the SI/Oi Control Register
(addresses 036216, 036616)’s bit 7 (SOUTi initial value set bit), make sure the CLKi
pin input is held high.
00.7.3
REV. A2
Page 43, Figure 1.10.6
Note: Writing a value to an address after “1” is written to this bit returns the bit to
“0” . Other bits do not automatically return to “0” and they must therefore
be reset by the program.
Page 144, Figure 1.16.32, bit 5 of the SI/Oi control register (i=3, 4)
Transfer direction lect bit --->Transfer direction select bit
Page 144, Figure 1.16.32, Note 2
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “1”, be sure to set the sync clock select bit to “1”.
--->
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “0”, be sure to set the sync clock select bit to “1”.
00.7.10
Page 115, 139, Bit 3 of the UART2 special mode register 2 (bit symbol)
ASL --> ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com