Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5603 Datasheet HTML 1Page - RF Micro Devices RF5603 Datasheet HTML 2Page - RF Micro Devices RF5603 Datasheet HTML 3Page - RF Micro Devices RF5603 Datasheet HTML 4Page - RF Micro Devices RF5603 Datasheet HTML 5Page - RF Micro Devices RF5603 Datasheet HTML 6Page - RF Micro Devices RF5603 Datasheet HTML 7Page - RF Micro Devices RF5603 Datasheet HTML 8Page - RF Micro Devices RF5603 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
1000
mA
Input RF Power
+10*
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL1, 260C rating, 3X reflow
*Note: Maximum input power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance WiMAX
IEEE802.16e
Nominal Condition T=25 °C, VCC=3.3V, VREG=2.85V,
Freq=Full frequency range, using a standard
IEEE802.16e 16QAM 10MHz BW waveform at 37% duty
cycle unless otherwise noted
Frequency Range
3.3
3.6
GHz
3.6
3.8
GHz
Output Power
23
24
dBm
Over temperature -40°C to +85°C
EVM
2.5
4
%
At Rated Output Power
Current
Operating
425
500
mA
At POUT=24dBm, VCC=3.3V, across VREG 2.75V to
2.95V
Quiescent
250
300
mA
VCC=3.3V, VREG=2.85V, RF=Off
IREG
5
10
mA
Across all conditions
Leakage
0.5
1
uA
VCC=3.3V, VREG=0V, RF=Off
Gain
29
32.5
36
dB
At Rated Output Power, across VREG 2.75V to 2.95V
Gain Variation over Temperature
±2.5
dB
-40°C to +85°C
Low Gain Mode (Gain Reduction)
25
dB
At VCC=3.3V, VREG 1 and 3=2.85V, VREG 2=Low and
Temp=25°C (In this mode the gain of the power ampli-
fier drop by TBD typical from its original gain)
Power Detector
10
29
dBm
Useable power detection range
Input Return Loss
-15
-10
dB
Output P1dB
29
dBm
With CW signal at VCC=3.3V
Turn-On Time from Setting of VREG
0.5
1
s
Output stable to within 90% of final gain
Compliance WiMAX
IEEE802.16e
Nominal Condition T=25 °C, VCC=5.0V, VREG=2.85V,
Freq=Full frequency range, using a standard
IEEE802.16e 16QAM 10MHz BW waveform at 37% duty
cycle unless otherwise noted
Frequency Range
3.3
3.6
GHz
3.6
3.8
GHz
Output Power
24.5
26
dBm
Over temperature -40°C to +85°C
EVM
2.5
3.5
%
At Rated Output Power
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com