Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603 Datasheet(PDF) 22 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 22 Page - RF Micro Devices

Back Button RF5603 Datasheet HTML 16Page - RF Micro Devices RF5603 Datasheet HTML 17Page - RF Micro Devices RF5603 Datasheet HTML 18Page - RF Micro Devices RF5603 Datasheet HTML 19Page - RF Micro Devices RF5603 Datasheet HTML 20Page - RF Micro Devices RF5603 Datasheet HTML 21Page - RF Micro Devices RF5603 Datasheet HTML 22Page - RF Micro Devices RF5603 Datasheet HTML 23Page - RF Micro Devices RF5603 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3.6GHz to 3.8GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
12
14
16
18
20
22
24
26
28
EVM
(%)
Output Power (dBm)
EVM(%) versus POUT(dBm)
-40° C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
12
14
16
18
20
22
24
26
28
EVM
(%)
Output Power (dBm)
EVM(%) versus POUT(dBm)
25°C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
12
14
16
18
20
22
24
26
28
EVM
(%)
Output Power (dBm)
EVM(%) versus POUT(dBm)
85°C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.28
0.33
0.38
0.43
0.48
0.53
0.58
0
4
8
1216202428
ICC (A)
Output Power (dBm)
Icc(A) versus POUT(dBm)
-40°C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.35
0.40
0.45
0.50
0.55
0.60
0
4
8
1216202428
ICC (A)
Output Power (dBm)
ICC(A) versus POUT(dBm)
25°C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz
0.43
0.48
0.53
0.58
0.63
0.68
0
4
8
12
16
20
24
28
Icc (A)
Output Power (dBm)
ICC(A) versus POUT(dBm)
85°C
VCC=5.0VDC VREG=2.85VDC
3600MHz
3700MHz
3800MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com