Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5603 Datasheet HTML 1Page - RF Micro Devices RF5603 Datasheet HTML 2Page - RF Micro Devices RF5603 Datasheet HTML 3Page - RF Micro Devices RF5603 Datasheet HTML 4Page - RF Micro Devices RF5603 Datasheet HTML 5Page - RF Micro Devices RF5603 Datasheet HTML 6Page - RF Micro Devices RF5603 Datasheet HTML 7Page - RF Micro Devices RF5603 Datasheet HTML 8Page - RF Micro Devices RF5603 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Outline
Pin
Function
Description
1BIAS VCC
Supply voltage for the bias reference and control circuits. May be connected with VCC1 and VCC2 as long as VCC
does not exceed 5.0VDC in this configuration.
2RF IN
RF input, internally matched and DC block is provided.
3, 7,
9, 15
NC
Not connected. May be connected to ground.
4VREG1
First stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
5VREG2
Second stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
6VREG3
Third stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
8
P DETECT
Power detector provides an output voltage proportional to the RF output power level.
10,
11,
12
VCC3/
RF OUT
RF output and bias for the output stage. Output is externally matched to 50
 and needs DC block.
13, 14
VCC2
Second stage supply voltage.
16
VCC1
First stage supply voltage.
Pkg
Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as short a
connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com