Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5603 Datasheet HTML 1Page - RF Micro Devices RF5603 Datasheet HTML 2Page - RF Micro Devices RF5603 Datasheet HTML 3Page - RF Micro Devices RF5603 Datasheet HTML 4Page - RF Micro Devices RF5603 Datasheet HTML 5Page - RF Micro Devices RF5603 Datasheet HTML 6Page - RF Micro Devices RF5603 Datasheet HTML 7Page - RF Micro Devices RF5603 Datasheet HTML 8Page - RF Micro Devices RF5603 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3 of 24
RF5603
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance WiMAX
IEEE802.6e, cont.
Nominal Condition T=25 °C, VCC=5.0V, VREG=2.85V,
Freq=Full frequency range and duty cycle=37.09%
unless otherwise specified.
Current
Operating
580
700
mA
At POUT=26dBm, VCC=5.0V, across VREG 2.75V to
2.95V
Quiescent
370
420
mA
VCC=5.0V, VREG=2.85V, RF=Off
IREG
5
10
mA
Across all conditions
Leakage
0.5
1
uA
VCC=5.0V, VREG=0V, RF=Off
Gain
31
34
37
dB
At Rated Output Power, across VREG 2.75V to 2.95V
Gain Variation Over Temperature
±2.5
±dB
-40°C to +85°C
Low Gain Mode (Gain Reduction)
25
dB
At VCC=5.0V, VREG 1 and 3=2.85V, VREG2=Low and
Temp=25°C (In this mode the gain of the power ampli-
fier drops by TBD typical from its original gain)
Power Detector
10
29
dBm
Useable power detection range
Input Return Loss
-15
-10
dB
Output P1dB
32
dBm
With CW signal at VCC=5.0V
Turn-On Time from Setting of VREG
0.5
1
s
Output stable to within 90% of final gain
Thermal Data
Maximum Junction Temperature
for long term reliability, TJ Max
150
°C
POUT=26dBm, VCC=5VDC, VREG=2.85VDC, TREF = 85°C
Thermal Resistance, QJC
23.7
°C/W
POUT=26dBm, VCC=5VDC, VREG=2.85VDC, Junction to
bottom of QFN package. TREF = 85°C
Thermal Resistance, QJ-Ref
29.7
°C/W
POUT=26dBm, VCC=5VDC, VREG=2.85VDC, Junction to
bottom of PCB. TREF = 85°C
Human Body Model
500
V
POUT=26dBm, VCC=5VDC, VREG=2.85VDC, Junction to
bottom of PCB. TREF = 85°C
Charge Device Model
1000
V
POUT=26dBm, VCC=5VDC, VREG=2.85VDC, Junction to
bottom of PCB. TREF = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com