Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5603 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5603
Description  3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5603 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5603 Datasheet HTML 1Page - RF Micro Devices RF5603 Datasheet HTML 2Page - RF Micro Devices RF5603 Datasheet HTML 3Page - RF Micro Devices RF5603 Datasheet HTML 4Page - RF Micro Devices RF5603 Datasheet HTML 5Page - RF Micro Devices RF5603 Datasheet HTML 6Page - RF Micro Devices RF5603 Datasheet HTML 7Page - RF Micro Devices RF5603 Datasheet HTML 8Page - RF Micro Devices RF5603 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
VREG1
RF IN
BIAS VCC
RF OUT
RF OUT
RF OUT
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
3rd
Stage
2nd
Stage
1st
Stage
Interstage
Match
Interstage
Match
Bias
Detector
Input
Match
NC
GND
RF5603
3.0V TO 5.0V, 3.3GHz TO 3.8GHz
LINEAR POWER AMPLIFIER
The RF5603 is a linear power amplifier IC designed specifically for WiMAX
medium power applications. The device is manufactured on an advanced
InGaP Heterojunction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 802.16e transmitters. The
device is provided in a 3mmx3mmx0.45mm, 16-pin, leadless chip carrier
with a backside ground. The RF5603 is designed to maintain linearity over
a wide range of conditions and power outputs.
Features
High Gain; 32dB
2.5% EVM (RMS) at 24dBm,
3.3V
2.5% EVM (RMS) at 26dBm,
5.0V
Internal Power Detector
Integrated Input Match
Applications
WiMAX USB Data Cards
WiMAX Customer Premises
Equipment
WiMAX Access Points
IEEE 802.16 WiMAX Systems
DS120213
RF56033.0V
to 5.0V,
3.3GHz to
3.8GHz Lin-
ear Power
Amplifier
Package Style: QFN, 16-Pin, 3mmx3mmx0.45mm


Similar Part No. - RF5603

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5603

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com