Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7413 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF7413
Description  3V WCDMA BAND 3 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7413 Datasheet(HTML) 2 Page - RF Micro Devices

  RF7413 Datasheet HTML 1Page - RF Micro Devices RF7413 Datasheet HTML 2Page - RF Micro Devices RF7413 Datasheet HTML 3Page - RF Micro Devices RF7413 Datasheet HTML 4Page - RF Micro Devices RF7413 Datasheet HTML 5Page - RF Micro Devices RF7413 Datasheet HTML 6Page - RF Micro Devices RF7413 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RF7413
DS111206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Standby Mode
6.0
V
Supply Voltage in Idle Mode
6.0
V
Supply Voltage in Operating Mode,
50
 Load
6.0
V
Supply Voltage, VBAT
6.0
V
Control Voltage, VMODE
3.7
V
Control Voltage, VEN
3.7
V
RF - Input Power
+10
dBm
RF - Output Power
+30
dBm
Operating Ambient Temperature
-30 to +110
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
Operating Frequency Range
1710
1785
MHz
VBAT
+3.0
+3.2
+4.2
V
VCC
+3.01
+3.2
+4.2
V
VCC (used with DC-DC)
0.5
+4.2
V
PA used with DC-DC converter to reduce cur-
rent drain at back-off and lower power levels
VEN
0
0.5
V
PA disabled.
1.35
1.80
3.10
V
PA enabled.
VMODE
0
0.5
V
Logic “low”.
1.35
1.80
3.10
V
Logic “high”.
POUT
Maximum Linear Output
(HPM)
28.01,2
dBm
High Power Mode (HPM)
Maximum Linear Output
(LPM)
16.01,2
dBm
Low Power Mode (LPM)
Ambient Temperature
-20
+25
+85
°C
Notes:
1For operation at VCC=+3.0V, derate POUT by 0.5dB.
2POUT is specified for 3GPP (Voice) modulation. For HSDPA and HSPA+ operation, derate POUT by 2dB:
HSDPA Configuration:
c12, d15, hs24
HSPA+ Configuration: 3GPP Rel7 Subtest 1
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com