Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7413 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7413
Description  3V WCDMA BAND 3 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7413 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7413 Datasheet HTML 1Page - RF Micro Devices RF7413 Datasheet HTML 2Page - RF Micro Devices RF7413 Datasheet HTML 3Page - RF Micro Devices RF7413 Datasheet HTML 4Page - RF Micro Devices RF7413 Datasheet HTML 5Page - RF Micro Devices RF7413 Datasheet HTML 6Page - RF Micro Devices RF7413 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
VBAT
Bias Control &
PA/VMODE Enable
RF OUT
RF IN
NC
VEN
VMODE
VCC
CPL IN
CPL OUT
GND
5
4
1
2
3
6
7
10
9
8
RF7413
3V WCDMA BAND 3 LINEAR PA MODULE
The RF7413 is a high-power, high-efficiency, linear power amplifier
designed for use as the final RF amplifier in 3V, 50
 WCDMA mobile cellu-
lar equipment and spread-spectrum systems. This PA is developed for
UMTS Band 3 which operates in the 1710MHz to 1785MHz frequency
band. The RF7413 has a digital control pin which enables a low power
mode to reduce amplifier gain at lower power levels. The part also has an
integrated directional coupler which eliminates the need for an external
discrete coupler at the output. The RF7413 (Band 3) meets the spectral
linearity requirements of High Speed Downlink Packet Access (HSDPA),
High Speed Uplink Packet Access (HSUPA), and Long Term Evolution (LTE)
data transmission. The RF7413 is assembled in a 10-pin, 3mm x 3mm
module.
Features
HSDPA/HSUPA/HSPA+/LTE
High Efficiency WCDMA
Operation: 41% at
POUT=+28dBm
Low Voltage Positive Bias
Supply (3.0V to 4.2V)
Internal Voltage Regulator -
No External (VREF) Required
Two Mode Power/Gain States
with Digital Control Interface
Integrated Power Coupler
Integrated Blocking and
Decoupling Capacitors
Applications
WCDMA/HSPA+/LTE Wireless
Data Cards
WCDMA/HSPA+/LTE
Handsets
RF7413
3V WCDMA Band 3 Linear PA Module
RF7413PCBA-410
Fully Assembled Evaluation Board
DS111206
CONFIDENTIAL: NDA REQUIRED
Package Style: Module, 10-Pin, 3mm x 3mm x 1.0mm


Similar Part No. - RF7413

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
logo
Qorvo, Inc
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
logo
RF Micro Devices
RF7411PCBA-410 RFMD-RF7411PCBA-410 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
More results

Similar Description - RF7413

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM666017 TRIQUINT-TQM666017 Datasheet
296Kb / 1P
3V PCS Band WCDMA PA-Duplexer-Module
logo
ANADIGICS, Inc
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
HELP3DC (Band 8) LTE/WCDMA Linear PA Module
Rev 1.3
logo
RF Micro Devices
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
3V WCDMA BAND 1 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com