Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7413 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF7413
Description  3V WCDMA BAND 3 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7413 Datasheet(HTML) 5 Page - RF Micro Devices

  RF7413 Datasheet HTML 1Page - RF Micro Devices RF7413 Datasheet HTML 2Page - RF Micro Devices RF7413 Datasheet HTML 3Page - RF Micro Devices RF7413 Datasheet HTML 4Page - RF Micro Devices RF7413 Datasheet HTML 5Page - RF Micro Devices RF7413 Datasheet HTML 6Page - RF Micro Devices RF7413 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
RF7413
DS111206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Schematic
Evaluation Board Schematic
VBAT
VMODE1
VMODE0
VEN
4.7uF
VCC
4.7uF (2)
NOTES:
(1). The 50
 resistor should be removed if pin 8 is connected to another coupler for daisy chaining multiple couplers.
(2). This capacitance value can be reduced for multi-PA with DC to DC converter applications where a total maximum
capacitive load is required to be met. Keeping at least a 1uF capacitor close to the PA Vcc pin is recommended.
(3). A capacitor of at least 10 nF should be placed closed to the PA VCC pin (pin10) for optimum decoupling.
RF OUT
CPL OUT
RF IN
50

5
4
1
2
3
6
7
10
9
8
AMP
Bias Control
& PA/VMODE
Enable
10 nF (3)
VCC1
VMODE1
VMODE0
VEN
C5
4.7uF
VCC2
C6
4.7uF
NOTES:
(1). VCC2S is a sense line to be used if the test power supply has voltage sensing
capability. This compensates for any resistive voltage drop that occurs between
the power supply and the PA and thus ensures that the voltage at the PA is set as
expected.
J2
RF OUT
J3
CPL OUT
J1
RF IN
R2
51
5
4
1
2
3
6
7
10
9
8
AMP
Bias Control
& PA/VMODE
Enable
C4
22uF
C8
10nF
C7
10nF
C9
10nF
C10
10nF
C11
10nF
P1_4
VMODE1
P1_5
VCC1
P1_6
P1_7
VCC2
P1_8
VCC2S (1)
P1_9
P1_3
VMODE0
P1_2
VEN
P1_1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com