Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7413 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF7413
Description  3V WCDMA BAND 3 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7413 Datasheet(HTML) 3 Page - RF Micro Devices

  RF7413 Datasheet HTML 1Page - RF Micro Devices RF7413 Datasheet HTML 2Page - RF Micro Devices RF7413 Datasheet HTML 3Page - RF Micro Devices RF7413 Datasheet HTML 4Page - RF Micro Devices RF7413 Datasheet HTML 5Page - RF Micro Devices RF7413 Datasheet HTML 6Page - RF Micro Devices RF7413 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
RF7413
DS111206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Specifications
T=+25
C, VCC=VBAT=+3.2V, VEN=+1.8V, 50
system, WCDMA Rel 99 Modulation unless oth-
erwise specified.
Gain
31
dB
HPM, POUT=28.0dBm
17.5
dB
LPM, POUT16.0dBm
ACLR - 5MHz Offset
-41
-36
dBc
HPM, POUT=28.0dBm
-46
-38
dBc
LPM, POUT16.0dBm
ACLR - 10MHz Offset
-55
-48
dBc
HPM, POUT=28.0dBm
-68
-48
dBc
LPM, POUT16.0dBm
PAE
38
41
%
HPM, POUT=28.0dBm
10
%
LPM, POUT16.0dBm
Current Drain
452
mA
HPM, POUT=28.0dBm
125
mA
LPM, POUT16.0dBm
Quiescent Current
50
mA
HPM, DC only
Enable Current
0.03
mA
Source or sink current. VEN=1.8V.
Mode Current (IMODE)
0.01
mA
Source or sink current. VMODE=1.8V.
Leakage Current
2.0
10.0
A
DC only. VCC=VBAT=4.2V, VEN=VMODE=0.5V.
Noise Power in Receive Band
-133
dBm/Hz
All power modes, measured at duplex offset
frequency (FTX + 95MHz). Rx: 1805MHz to
1880MHz, POUT28.0dBm.
Input Impedance
1.6:1
VSWR
No ext. matching, POUT28dBm, all modes.
Harmonic, 2FO
-21
-7
dBm
POUT28.0dBm, all power modes.
Harmonic, 3FO
-24
-14
dBm
POUT28.0dBm, all power modes.
Spurious Output Level
-60
dBc
All spurious, POUT28dBm, all conditions, load
VSWR
6:1, all phase angles.
Insertion Phase Shift
-30
5.6
+30
°
Phase shift at 16dBm when switching from
HPM to LPM.
DC Enable Time
10
S
DC only. Time from VEN=high to stable idle cur-
rent (90% of steady state value).
RF Rise/Fall Time
6
SPOUT28.0dBm, all modes. 90% of target, DC
settled prior to RF.
Ruggedness
10:1
VSWR
HPM, POUT=28.0dBm, all phases.
Coupling Factor
20
dB
POUT28.0dBm, all modes.
Daisy Chain Insertion Loss
0.25
dB
CPL_IN to CPL_OUT port, VEN=0.5V
Coupling Directivity
20
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com