Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7413 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF7413
Description  3V WCDMA BAND 3 LINEAR PA MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7413 Datasheet(HTML) 4 Page - RF Micro Devices

  RF7413 Datasheet HTML 1Page - RF Micro Devices RF7413 Datasheet HTML 2Page - RF Micro Devices RF7413 Datasheet HTML 3Page - RF Micro Devices RF7413 Datasheet HTML 4Page - RF Micro Devices RF7413 Datasheet HTML 5Page - RF Micro Devices RF7413 Datasheet HTML 6Page - RF Micro Devices RF7413 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
RF7413
DS111206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Operating Mode Truth Table
Package Drawing
Pin
Function
Description
1VBAT
Supply voltage for bias circuitry.
2RF IN
RF input internally matched to 50
 and DC blocked. The RF input matching circuit has a shunt inductor to
ground which would short any DC voltage placed on this pin.
3NC
No connection.
4VMODE
Digital control input for power mode selection (see Operating Modes truth table).
5VEN
Digital control input for PA enable and disable (see Operating Modes truth table).
6
CPL_OUT
Coupler output.
7GND
This pin must be grounded.
8
CPL_IN
Coupler input used for cascading couplers in series. Terminate this pin with a 50
 resistor if not connected to
another coupler.
9RF OUT
RF output internally matched to 50
and DC blocked.
10
VCC
Supply voltage for the first and second stage amplifiers, which can be connected to battery supply or output of
DC-DC converter.
Pkg
Base
GND
Ground connection. The package backside should be soldered to a topside ground pad connecting to the PCB
ground plane with multiple ground vias. The pad should have a low thermal resistance and low electrical imped-
ance to the ground plane.
VEN
VMODE
VBAT
VCC
Conditions/Comments
Low
Low
3.0V to 4.2V
3.0V to 4.2V
Power down mode
Low
X
3.0V to 4.2V
3.0V to 4.2V
Standby Mode
High
Low
3.0V to 4.2V
3.0V to 4.2V
High power mode
High
High
3.0V to 4.2V
3.0V to 4.2V
Low power mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com