Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2046 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFDA2046
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFDA2046 Datasheet HTML 6Page - RF Micro Devices RFDA2046 Datasheet HTML 7Page - RF Micro Devices RFDA2046 Datasheet HTML 8Page - RF Micro Devices RFDA2046 Datasheet HTML 9Page - RF Micro Devices RFDA2046 Datasheet HTML 10Page - RF Micro Devices RFDA2046 Datasheet HTML 11Page - RF Micro Devices RFDA2046 Datasheet HTML 12Page - RF Micro Devices RFDA2046 Datasheet HTML 13Page - RF Micro Devices RFDA2046 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 14
RFDA2046
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFDA2046, 6 x 6sq. mm, 28-PIN,
LAMINATE
U1
RFMD
RFMD2046
RFDA2026-411(B)
Viasystems
RFDA2026-411(B)
CONN, SMA, END LNCH, FLT, 0.062”
J1-J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 6-
PIN, 0.100”
P1
AMP
640454-6
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
P2
Aries Electronics Inc.
24-6518-10
CAP, 0.1µF, 10%, 16V, X7R, 0402
C1, C6, C11
Murata Electronics
GRM1555R71C104KA88D
CAP, 1µF, 10%, 10V, X5R, 0402
C2, C5, C10
Murata Electronics
GRM155R61A105KE15D
RES, 0
Ω, 0402
C7-C8
Kamaya, Inc.
RMC1/16SJPTH
RES, 1K, 5%, 1/16W, 0603
R2
Panasonic Industrial Co.
ERJ-3GEYJ102
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 x
00402
RN1
KOA Speer Electronics, Inc.
CN1E4KTTD102J
RES, 0
Ω, 0603
R1, R3, R5
KOA Speer Electronics, Inc.
RK73Z1JLTD
DNP
C3-C4, C9, C12
N/A
N/A
DNP
R4, R6
N/A
N/A
DNP
L1
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com