Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2046 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFDA2046
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFDA2046 Datasheet HTML 3Page - RF Micro Devices RFDA2046 Datasheet HTML 4Page - RF Micro Devices RFDA2046 Datasheet HTML 5Page - RF Micro Devices RFDA2046 Datasheet HTML 6Page - RF Micro Devices RFDA2046 Datasheet HTML 7Page - RF Micro Devices RFDA2046 Datasheet HTML 8Page - RF Micro Devices RFDA2046 Datasheet HTML 9Page - RF Micro Devices RFDA2046 Datasheet HTML 10Page - RF Micro Devices RFDA2046 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 14
RFDA2046
Truth Table
Control Bit
Gain Relative to
Maximum Gain
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
0dB
1
1
1
1
1
0
-0.5dB
1
1
1
1
0
1
-1dB
1
1
1
0
1
1
-2dB
1
1
0
1
1
1
-4dB
1
0
1
1
1
1
-8dB
0
1
1
1
1
1
-16dB
0
0
0
0
0
0
-31.5dB
SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com