Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2046 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA2046
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA2046 Datasheet HTML 1Page - RF Micro Devices RFDA2046 Datasheet HTML 2Page - RF Micro Devices RFDA2046 Datasheet HTML 3Page - RF Micro Devices RFDA2046 Datasheet HTML 4Page - RF Micro Devices RFDA2046 Datasheet HTML 5Page - RF Micro Devices RFDA2046 Datasheet HTML 6Page - RF Micro Devices RFDA2046 Datasheet HTML 7Page - RF Micro Devices RFDA2046 Datasheet HTML 8Page - RF Micro Devices RFDA2046 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 14
RFDA2046
Digital Controlled Variable Gain Amplifier
1800MHz to 2800MHz
The RFDA2046 is a digital controlled variable gain amplifier
featuring high linearity over the entire gain control range with
noise figure less than 5.2dB in its maximum gain state. The gain
of the 6-bit digital step attenuator is programmed with a serial
mode control interface (SPI). The RFDA2046 is packaged in a
small 6.0mm x 6.0mm leadless laminate MCM, which contains
plated through thermals vias for ultra-low thermal resistance. This
module is easy to use with no external matching components
required.
AMP2
1
2
3
4
5
6
7
15
16
17
18
19
20
21
SPI_LE
SPI_DATA
SPI_CLK
PUP
GND
RF_IN
GND
GND
RF_OUT
GND
GND
GND
GND
GND
Functional Block Diagram
Ordering Information
RFDA2046SQ
Sample bag with 25 pieces
RFDA2046SR
7" Reel with 100 pieces
RFDA2046TR7
7" Reel with 500 pieces
RFDA2046TR13
13" Reel with 2500 pieces
RFDA2046PCK-410
1800MHz to 2800MHz PCBA with 5-piece sample
bag
Package: MCM, 28-Pin,
6.0mm x 6.0mm
Features
■
Frequency Range 1800MHz to
2800MHz
■
Full Internal Matching and No
External Bias Inductors
■
6-Bit Digital Step Attenuator
■
SPI Serial Control Programming
■
Max gain = 41dB at 2.6GHz
■
Gain Control Range = 31.5dB
(0.5dB Step Size)
■
High OIP3/P1dB = +41dBm/
28dBm
■
Single +5V Supply
■
Small 28-Pin, 6.0mm x 6.0mm,
MCM
■
Power-up Programming
Applications
■
Cellular, 3G, LTE Infrastructure
■
WiBro, WiMAx. LTE
■
Microwave Radio
■
High-linearity Power Control
RFDA2046


Similar Part No. - RFDA2046

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015PCK-410 RFMD-RFDA2015PCK-410 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SQ RFMD-RFDA2015SQ Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015SR RFMD-RFDA2015SR Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015TR13 RFMD-RFDA2015TR13 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2046

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com