Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2046 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA2046
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA2046 Datasheet HTML 1Page - RF Micro Devices RFDA2046 Datasheet HTML 2Page - RF Micro Devices RFDA2046 Datasheet HTML 3Page - RF Micro Devices RFDA2046 Datasheet HTML 4Page - RF Micro Devices RFDA2046 Datasheet HTML 5Page - RF Micro Devices RFDA2046 Datasheet HTML 6Page - RF Micro Devices RFDA2046 Datasheet HTML 7Page - RF Micro Devices RFDA2046 Datasheet HTML 8Page - RF Micro Devices RFDA2046 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 14
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
DC Supply Current
760
mA
Power Dissipation
3200
mW
Max RF Input Power for Long Term Operation (50
Ω)
-5
dBm
Max RF Input Power for Short Term Operation (50
Ω)
+20
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
+165*
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
*MTTF = 1.0E6 hours at 165°C junction temperature
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Parameter
Specification
Unit
Condition
Min
Typ
Max
Overall
T = 25°C, VCC = VDD = 5V, standard application circuit, measured at
2600MHz
Frequency Range
1800
2800
MHz
Max Gain
41
dB
Attenuation = 0dB
Gain Control Range
31.5
dB
Step Accuracy
+/-(0.1+5%
attenuation setting)
dB
Major state error up to 2800MHz
P1dB
28
dBm
Attenuation = 0dB
Output IP3
41
dBm
POUT = 19dBm/tone, 1MHz spacing
Control Interface
6
Bit
SPI interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
5.2
dB
Attenuation = 0dB
Impedance
50
Ω
Input Return Loss
15
dB
Output Return Loss
12
dB
Total Supply Voltage
4.75
5
5.25
V
Supply Current
360
mA
From VCC_SPI, VCC_AMP1 and VCC_AMP2
Thermal Resistance
17.7
°C/W
Junction to backside of device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com