Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2046 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA2046
Description  Digital Controlled Variable Gain Amplifier 1800MHz to 2800MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2046 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA2046 Datasheet HTML 1Page - RF Micro Devices RFDA2046 Datasheet HTML 2Page - RF Micro Devices RFDA2046 Datasheet HTML 3Page - RF Micro Devices RFDA2046 Datasheet HTML 4Page - RF Micro Devices RFDA2046 Datasheet HTML 5Page - RF Micro Devices RFDA2046 Datasheet HTML 6Page - RF Micro Devices RFDA2046 Datasheet HTML 7Page - RF Micro Devices RFDA2046 Datasheet HTML 8Page - RF Micro Devices RFDA2046 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 14
RFDA2046
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
1800MHz
2000MHz
2400MHz
2500MHz
2600MHz
2700MHz
2800MHz
Max Small Signal Gain
dB
39.5
40
40
40
41
41
41
Output P1dB
dBm
27.4
28
28
28
28
28
27.5
Output IP3 (1)
dBm
38
38
40
41
41
40
39
Input Return Loss
dB
13
14
15
15
15
15
15
Output Return Loss
dB
8.2
11
14
14
12
11
8
Noise Figure
dB
5.1
5.2
5.2
5.2
5.2
5.2
5.2
Note: (1) Output IP3 is tested at POUT = 19dBm/tone and 1MHz spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com