Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices RFFM6901 Datasheet HTML 10Page - RF Micro Devices RFFM6901 Datasheet HTML 11Page - RF Micro Devices RFFM6901 Datasheet HTML 12Page - RF Micro Devices RFFM6901 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
X
X
GND
RX
J4
1
GND
1
2
3
4
5
6
7
8
9
HDR_1X9
P1
GND
C9
1nF
0201
GND
GND
C10
1nF
0201
GND
GND
C11
1nF
0201
GND
GND
C12
1nF
0201
GND
GND
C13
1nF
0201
GND
GND
C8
1nF
0201
GND
GND
C4
0.1uF
0402
GND
GND
C7
1nF
0201
GND
GND
C3
0.1uF
0402
GND
X
GND
1
J7
LNA_IN
GND
X
GND
1
J8
ASW_RX
X
X
GND
1
J6
ANT 2
X
GND
1
J5
ANT 1
GND
GND
1nF
0201
GND
GND
0.1uF
0402
GND
C2
C6
GND
1nF
0201
GND
GND
0.1uF
0402
GND
C1
C5
X
GND
1
J3
PA2 _IN
X
GND
1
J2
PA1_OUT
X
GND
PA1_IN
J1
1
GND
GND
GND
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
CLT1
CLT 2
CLT 3
CLT4
CLT5
V_DIG
V_LNA
VCC
VCC
GND
GND
R6
DNI
0201
R5
DNI
0201
DNI
0201
R7
GND
GND
LNA _IN
GND
GND
ASW_Rx
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
ANT 2
ANT 1
VCC
VCC
VCC
VCC
17
18
19
20
21
22
23
24
25
U1
RFFM6901
GND
GND
R1
DNI
0201
R2
DNI
0201
GND
GND
GND
GND
GND
GND
GND
GND
GND
ANT 1
ANT 2
PA_VCC1
PA_VCC2
NC
RX
CLT 1
CLT 2
CLT 3
CLT 4
GND
GND
GND
X
GND
J9
1
GND
X
GND
1
J10
RF_IN /OUT
GND
RF_IN/OUT
RF_IN/OUT
Red Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com