Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6901 Datasheet HTML 1Page - RF Micro Devices RFFM6901 Datasheet HTML 2Page - RF Micro Devices RFFM6901 Datasheet HTML 3Page - RF Micro Devices RFFM6901 Datasheet HTML 4Page - RF Micro Devices RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
PA Section (continued)
Large Signal Gain Overall High Bias (ANT2)
at 4.0V
27
30
33
dB
Large Signal Gain Overall Low Bias (ANT1) at
4.0V
22
25
28
dB
Large Signal Gain Overall Low Bias (ANT2) at
4.0V
22
25
28
dB
Transmit Mode 3V (Low Voltage)
Power Supply Operation Voltage-Low
2.8
3
3.2
V
PA VCC
Input Power
5
dBm
CW Output Power-near saturation (ANT1) at
3.0V
27.5
28
dBm
CW Output Power-near saturation (ANT2) at
3.0V
27.5
28
dBm
Output Power (ANT1) at 3.0V
26.5
27
dBm
VCC = 3.0V, POUT at ANT1
Output Power (ANT2) at 3.0V
26.5
27
dBm
VCC = 3.0V, POUT at ANT2
1/2W Current (ANT1) at 3.0V at POUT =
27dBm
400
450
500
mA
1/2W Current (ANT2) at 3.0V at POUT =
27dBm
400
450
500
mA
1/4W Current (ANT1) at 3.0V at POUT =
24dBm
300
340
375
mA
1/4W Current (ANT2) at 3.0V at POUT =
24dBm
300
340
375
mA
2nd Harmonic (ANT1) High Voltage (4.0V)
30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT1) High Voltage
(4.0V) 30dBm POUT
-71
dBc
2nd Harmonic (ANT2) High Voltage (4.0V)
30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT2) High Voltage
(4.0V) 30dBm POUT
-71
dBc
2nd Harmonic (ANT1) Low Voltage (3.0V)
30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT1) Low Voltage
(3.0V) 30dBm POUT
-71
dBc
2nd Harmonic (ANT2) Low Voltage (3.0V)
30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT2) Low Voltage
(3.0V) 30dBm POUT
-71
dBc
Input Return Loss (PA1-ANT1)High Voltage
(4.0V)
-10
dB
Measured at PA-IN Port at Pin 30
Input Return Loss (PA1-ANT2)High Voltage
(4.0V)
-10
dB
Measured at PA-IN Port at Pin 30
Input Return Loss (PA1-ANT1)Low Voltage
(3.0V)
-10
dB
Measured at PA-IN Port at Pin 30
Input Return Loss (PA1-ANT2)Low Voltage
(3.0V)
-10
dB
Measured at PA-IN Port at Pin 30
PA Leakage Current
0.5
5
µA
PA VCC = 4.2V, PD SEL Logic = 0.0V
Noise Power at ANT ½ -Electric only at -
8MHz Offset from carrier
-132
dBm/Hz PA_VCC voltage of 4.2V and POUT = +28dBm,
PA2 only zero noise contribution from PA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com