Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFM6901 Datasheet HTML 2Page - RF Micro Devices RFFM6901 Datasheet HTML 3Page - RF Micro Devices RFFM6901 Datasheet HTML 4Page - RF Micro Devices RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices RFFM6901 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Descriptions
Pin
Name
Description
1GND
Ground.
2RX
868MHz/900MHz Receive, Internally DC Blocked.
3GND
Ground.
4NC
Not Connected in FEM.
5GND
Ground.
6CTL1
ANT Select.
7CTL2
TxRx Select.
8CTL3
LNA Select.
9CTL4
PD Select.
10
CTL5
PA_Low Bias.
11
VDIG
Digital VCC.
12
LNA_Vcc
LNA VCC.
13
LNA_Bias
LNA linearity bias (Place SMD Resistor to GND to Lower LNA IDD).
14
LNA_IN
LNA Signal Input, Internally DC Blocked.
15
GND
Ground.
16
ASW_RX
Antenna Switch Receive Output, Internally DC Blocked.
17
GND
Ground.
18
GND
Ground.
19
ANT2
Antenna 2 Output/Input, Internally DC Blocked.
20
GND
Ground.
21
ANT1
Antenna 1 Output/Input, Internally DC Blocked.
22
GND
Ground.
23
PA VCC2
PA Battery Bias for Second Stage.
24
PA VCC1
PA Battery Bias for First Stage.
25
GND
Ground.
26
PA2_IN
Power Amplifier 2nd Stage Signal Input Port.
27
GND
Ground.
28
PA1_OUT
Power Amplifier 1st Stage Signal Output Port, Internally DC Blocked.
29
GND
Ground.
30
PA1_IN
Power Amplifier 1st Stage Signal Input Port, Internally DC Blocked.
31
GND
Ground.
32
NC
Not connected in FEM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com