Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices RFFM6901 Datasheet HTML 10Page - RF Micro Devices RFFM6901 Datasheet HTML 11Page - RF Micro Devices RFFM6901 Datasheet HTML 12Page - RF Micro Devices RFFM6901 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots (continued)
80
70
60
50
40
30
20
10
0
10
20
0
500
1000
1500
2000
Freq (MHz)
Receive S plots
PA V
CC =0V;VCCDIG and LNA VCC = 4.0V
CTL1, CTL2, CTL3, and CTL4 = 3.8V; CTL5 = 0V
S11
S12
S21
S22
100
80
60
40
20
0
20
40
0
500
1000
1500
2000
2500
3000
Freq (MHz)
Transmit S plots
PA V
CC and VCCDIG = 4.0V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2, and CTL3 = 0V
S11
S12
S21
S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com