Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6901
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6901 Datasheet HTML 1Page - RF Micro Devices RFFM6901 Datasheet HTML 2Page - RF Micro Devices RFFM6901 Datasheet HTML 3Page - RF Micro Devices RFFM6901 Datasheet HTML 4Page - RF Micro Devices RFFM6901 Datasheet HTML 5Page - RF Micro Devices RFFM6901 Datasheet HTML 6Page - RF Micro Devices RFFM6901 Datasheet HTML 7Page - RF Micro Devices RFFM6901 Datasheet HTML 8Page - RF Micro Devices RFFM6901 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
LPF
PA1
32
CTL
LOGIC
GND
GND
GND
GND
GND
CTL1
CTL2
CTL3
GND
PA_VCC1
PA_VCC2
GND
ANT2
ANT1
RX
LNA
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
SAW 2
BPF
SAW 3
BPF
SAW 1
BPF
868/900 MHz TX Only
From
XCVR
NC
CTL4
RFFM6901
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/
RECEIVE MODULE WITH DIVERSITY SWITCH
The RFFM6901 is a single-chip front end module (FEM) for application in the
915MHz ISM Band. The RFFM6901 addresses the need for aggressive size reduc-
tion for typical portable equipment RF front end designs and greatly reduces the
number of components outside of the core chipset thus minimizing the footprint
and assembly cost of the overall solution. The RFFM6901 contains an integrated
1W PA, dual port diversity antenna switch, LNA with bypass mode, and matching
components. The RFFM6901 is packaged in a 32-pin, 6.0mm x 6.0mm x 1.2mm
over-molded laminate package.
Features
Tx Output Power: 30dBm
Separate Rx/Tx 50
Transceiver Interface
Antenna Diversity Switch
LNA with Bypass mode
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Smart Energy
868MHz/915MHz ISM Band
Application
Single Chip RF Front End
Module
RFFM6901
ISM Band Tx/Rx Module with Diversity Antenna Switch
RFFM6901SB
5-Piece Bag
RFFM6901SQ
25-Piece Bag
RFFM6901SR
Standard 100-Piece Reel
RFFM6901TR7
Standard 750-Piece Reel
RFFM6901TR13
Standard 2500-Piece Reel
RFFM6901PCK-410
Fully Assembled Evaluation Board and 5-Piece Bag
DS120803
Package Style: LGA, 32-Pin, 6mm x 6mm


Similar Part No. - RFFM6901

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6901PCK-410 QORVO-RFFM6901PCK-410 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6901SB QORVO-RFFM6901SB Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6901SQ QORVO-RFFM6901SQ Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6901SR QORVO-RFFM6901SR Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
More results

Similar Description - RFFM6901

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com