Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6296F Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6296F Datasheet HTML 1Page - Richtek Technology Corporation RT6296F Datasheet HTML 2Page - Richtek Technology Corporation RT6296F Datasheet HTML 3Page - Richtek Technology Corporation RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6296F-00
May
2015
4
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN
--------------------------------------------------------------------------------------------- 0.3V to 20V
Switch Voltage, SW
------------------------------------------------------------------------------------------------------ 0.3V to VIN + 0.3V
BOOT to SW, VBOOT – SW --------------------------------------------------------------------------------------------- 0.3V to 6V
Other Pins
------------------------------------------------------------------------------------------------------------------- 0.3V to 6V
Power Dissipation, PD @ TA = 25C
TSOT-23-8 (FC)
---------------------------------------------------------------------------------------------------------- 1.428W
Package Thermal Resistance
(Note 2)
TSOT-23-8 (FC),
JA --------------------------------------------------------------------------------------------------- 70C/W
TSOT-23-8 (FC),
JC --------------------------------------------------------------------------------------------------- 15C/W
Lead Temperature (Soldering, 10 sec.)
--------------------------------------------------------------------------- 260C
Junction Temperature
--------------------------------------------------------------------------------------------------- 40C to 150C
Storage Temperature Range
----------------------------------------------------------------------------------------- 65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model)
------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------
4.5V to 17V
Junction Temperature Range
---------------------------------------------------------------------------------------- 40C to 125C
Ambient Temperature Range
---------------------------------------------------------------------------------------- 40C to 85C
Electrical Characteristics
(VIN = 12V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
7
--
A
Quiescent Current with no Load
at DCDC Output
VEN = 2V, VFB = 1V
--
0.8
1
mA
Feedback Voltage
VFB
0.799
0.807
0.815
V
Feedback Current
IFB
VFB = 820mV
--
10
50
nA
Switch
On-Resistance
High-Side
RDS(ON)H
--
100
--
m
Low-Side
RDS(ON)L
--
40
--
Switch Leakage
VEN = 0V, VSW = 0V
--
--
1
A
Current Limit
ILIM
Under 40% duty-cycle
3
--
--
A
Low-Side Switch Current Limit
From Drain to Source
--
2
--
A
Oscillation Frequency
fOSC
VFB = 0.75V
440
500
570
kHz
SYNC Frequency Range
fSYNC
200
--
2000
kHz
Fold-Back Frequency
VFB < 400mV
--
125
--
kHz
Maximum Duty-Cycle
DMAX
VFB = 0.7V
90
95
--
%
Minimum On-Time
tON
--
60
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com