Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6296F Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation RT6296F Datasheet HTML 10Page - Richtek Technology Corporation RT6296F Datasheet HTML 11Page - Richtek Technology Corporation RT6296F Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6296F-00
May
2015
10
capacitor sized for the maximum RMS current should
be used. The RMS current is given by :
OUT
IN
RMS
OUT(MAX)
IN
OUT
VV
I
I
1
VV

This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design. The
selection of COUT is determined by the required
Effective Series Resistance (ESR) to minimize voltage
ripple. Moreover, the amount of bulk capacitance is
also a key for COUT selection to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later
section. The output ripple,
VOUT, is determined by :
OUT
L
OUT
1
V
I
ESR
8fC

  


The output ripple will be highest at the maximum input
voltage since
IL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet
the ESR and RMS current handling requirement. Dry
tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low
ESR value. However, it provides lower capacitance
density than other types. Although Tantalum capacitors
have the highest capacitance density, it is important to
only use types that pass the surge test for use in
switching
power
supplies.
Aluminum
electrolytic
capacitors have significantly higher ESR. However, it
can be used in cost-sensitive applications for ripple
current rating and long term reliability considerations.
Ceramic
capacitors
have
excellent
low
ESR
characteristics but can have a high voltage coefficient
and audible piezoelectric effects. The high Q of
ceramic capacitors with trace inductance can also lead
to significant ringing.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX) TA) / θJA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and θJA is the junction
to ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125°C. The
junction to
ambient thermal resistance, θJA, is layout
dependent. For TSOT-23-8 (FC) package, the thermal
resistance, θJA, is 70°C/W on a standard four-layer
thermal test board. The maximum power dissipation at
TA = 25°C can be calculated by the following formula :
PD(MAX) = (125°C 25°C) / (70°C/W) = 1.428W for
TSOT-23-8 (FC) package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal
resistance, θJA. The derating curve in Figure 3
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com