Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6296F Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation RT6296F Datasheet HTML 10Page - Richtek Technology Corporation RT6296F Datasheet HTML 11Page - Richtek Technology Corporation RT6296F Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6296F-00
May
2015
8
VIN = 12V, VOUT = 3.3V,
IOUT = 1A to 2A to 1A, L = 5.6H
VOUT
(50mV/Div)
IOUT
(1A/Div)
Time (200
s/Div)
Load Transient Response
VIN = 12V, VOUT = 3.3V, IOUT = 2A, L = 5.6H
Output Ripple Voltage
Time (1
s/Div)
VOUT
(20mV/Div)
VLX
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power On from EN
Time (2ms/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VLX
(10V/Div)
ILX
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power Off from EN
Time (2ms/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VLX
(10V/Div)
ILX
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
VOUT
(2V/Div)
VIN
(10V/Div)
VLX
(10V/Div)
ILX
(2A/Div)
Time (5ms/Div)
Power On from VIN
VIN = 12V, VOUT = 3.3V, IOUT = 2A
Power Off from VIN
Time (5ms/Div)
VOUT
(2V/Div)
VIN
(10V/Div)
VLX
(10V/Div)
ILX
(2A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com