Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6296F Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation RT6296F Datasheet HTML 10Page - Richtek Technology Corporation RT6296F Datasheet HTML 11Page - Richtek Technology Corporation RT6296F Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6296F-00
January
2015
www.richtek.com
9
Application Information
The RT6296F is a high voltage buck converter that can
support the input voltage range from 4.5V to 17V and
the input voltage range from 4.5V to 17V and the output
current can be up to 2A.
Output Voltage Selection
The resistive voltage divider allows the FB pin to sense
a fraction of the output voltage as shown in Figure 1.
RT6296F
GND
FB
R1
R2
VOUT
R5
Figure 1. Output Voltage Setting
For adjustable voltage mode, the output voltage is set
by an external resistive voltage divider according to the
following equation :
OUT
FB
R1
V
V
1
R2




Where VFB is the feedback reference voltage (0.8V
typ.). Table 2 lists the recommended resistors value for
common output voltages.
Table 2. Recommended Resistors Value
VOUT (V)
R1 (k
)
R2 (k
)
R5 (k
)
1.0
20.5
84.5
82
3.3
40.2
13
16
5.0
40.2
7.68
16
External Bootstrap Diode
Connect a 100nF low ESR ceramic capacitor between
the BOOT pin and SW pin. This capacitor provides the
gate driver voltage for the high side MOSFET. It is
recommended to add an external bootstrap diode
between an external 5V and BOOT pin, as shown as
Figure 2, for efficiency improvement when input voltage
is lower than 5.5V or duty ratio is higher than 65% .The
bootstrap diode can be a low cost one such as IN4148
or BAT54. The external 5V can be a 5V fixed input from
system or a 5V output (PVCC) of the RT6296F.
SW
BOOT
5V
RT6296F
100nF
Figure 2. External Bootstrap Diode
Inductor Selection
The inductor value and operating frequency determine
the ripple current according to a specific input and
output
voltage. The ripple current ΔIL increases with
higher VIN and decreases with higher inductance.
OUT
OUT
L
IN
VV
I1
f L
V


 
 


 
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output
voltage ripple. High frequency with small ripple current
can achieve highest efficiency operation. However, it
requires a large inductor to achieve this goal.
For the ripple current selection, the value of
IL = 0.3
(IMAX) will be a reasonable starting point. The largest
ripple current occurs at the highest VIN. To guarantee
that the ripple current stays below the specified
maximum, the inductor value should be chosen
according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L1
f
I
V
 
 
 
 

 
The
inductor's
current
rating
(caused
a
40°C
temperature rising from 25°C ambient) should be
greater than the maximum load current and its
saturation current should be greater than the short
circuit peak current limit.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET.
To prevent large ripple current, a low ESR input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com