Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6296F Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6296F Datasheet HTML 1Page - Richtek Technology Corporation RT6296F Datasheet HTML 2Page - Richtek Technology Corporation RT6296F Datasheet HTML 3Page - Richtek Technology Corporation RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6296F-00
January
2015
www.richtek.com
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN Input Voltage
Logic-High VIH
1.2
1.4
1.6
V
Logic-Low
VIL
1.1
1.25
1.4
EN Input Current
IEN
VEN = 2V
--
2
--
A
VEN = 0V
--
0
--
EN Turn-off Delay
ENtd-off
--
8
--
s
Power-Good Rising Threshol
PGvth-Hi
--
0.9
--
VFB
Power-Good Falling Threshol
PGvth-Lo
--
0.85
--
VFB
Power-Good Delay
PGTd
--
0.4
--
ms
Power-Good Sink Current
Capability
VPG
Sink 4mA
--
--
0.4
V
Power-Good Leakage Current
IPG-LEAK
--
--
1
A
Input Under-Voltage
Lockout Threshold
VIN Rising
VUVLO
VIN Rising
3.7
3.9
4.1
V
Hysteresis
VUVLO
--
650
--
mV
PVCC Regulator
VCC
--
5
--
V
PVCC Load Regulation
VLOAD
IVCC = 5mA
--
3
--
%
Soft-Start Time
tSS
FB from 0V to 0.8V
--
1.5
--
ms
Thermal Shutdown Temperature
TSD
--
150
--
oC
Thermal Shutdown Hysteresis
TSD
--
20
--
oC
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com