Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9481 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9481 Datasheet HTML 1Page - Richtek Technology Corporation RT9481 Datasheet HTML 2Page - Richtek Technology Corporation RT9481 Datasheet HTML 3Page - Richtek Technology Corporation RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
1
Easy to Use Power Bank Solution (EZPBSTM) Integrated Chip
with Switch Charger, ADC, and Load switch
General Description
The RT9481 is a high integration and easy to use
power solution for Li-ion power bank and other
powered handheld applications. We call it EZPBSTM
(Easy to Use Power Bank Solution). This single chip
includes a Switching Charger with Boost function,
Analog to Digital Converter (ADC), USBOUT Load
Switch, Adapter Detection with BC1.2, DCP controller
and LDO.
Applications
Power Bank
Ordering Information
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
RT9481
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
USBOUT
USBOUT
VHMID
VBUS
VBUS
D-
SCL
SDA
AGND
VDDA
VDD28V
INT
AGND
1
2
3
4
5
6
7
8
9
10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
WQFN-24L 4x4
Features
System
High Accuracy Voltage/Current Regulation
1% Charge Voltage Regulation
0.1A Charge Current Regulation
3% Boost Output Voltage Regulation
Thermal Shutdown Protection
Reverse Leakage Protection to Prevent Battery
Drainage.
Built-In USBOUT DCP Controller
Built-In USBOUT Attach/Detach Detection
Built-In USBOUT Light Load Detection
Built-In Load Switch with Current Regulation
Thermal Regulation and Output Short Current
Protection
Built-In Adapter Detection with BC1.2
Built-In Accurate ADC to Measure VBAT, VBUS,
TS, IBAT , USBOUT and IUSBOUT
Built-In LDO
Interrupt Output for Event Notification
I
2C Interface with 400kHz
Charge Mode
Charge Voltage Regulation : 3.65V to 4.6V
Charge Current Regulation : 0.7A to 2.7A
Minimum Input Voltage Regulation (MIVR) :
4.2V to 4.8V
Average Input Current Regulation (AICR) : 0.1A
to 2A
Charge Termination Current : 0.15A to 0.6A
Pre-charge Threshold : 2.3V to 3.8V
Pre-charge Current : 0.2A to 0.5A
Thermal Regulation
VMID Under Voltage Protection
VBUS Over Voltage Protection
Battery Over Voltage Protection
Bad Adapter Detection
Boost Mode
Boost Output Current Up to 3A
Boost Output Voltage : 3.65V to 5.2V
Battery Under Voltage Protection : 2.5V to 3.2V
VMID Over Voltage Protection


Similar Part No. - RT9481

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9480 RICHTEK-RT9480 Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
RT9480GQW RICHTEK-RT9480GQW Datasheet
657Kb / 7P
Dual Output Power Bank Reference Design Using RT9480
RT9480GQW RICHTEK-RT9480GQW Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
RT9480 RICHTEK-RT9480_17 Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
More results

Similar Description - RT9481

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ1420XEXT NSC-LMZ1420XEXT Datasheet
748Kb / 10P
Evaluation Board power modules are easy-to-use DC-DC solution
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
Easy to Use Power Bank Solution
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480_17 Datasheet
176Kb / 16P
Easy to Use Power Bank Solution Integrated Chip
logo
Generalplus Technology ...
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
Easy-to-use SOUNDPLUS
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com