Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9481 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
13
Application Information
Switching Charger
The switching charger integrates a synchronous PWM
controller with power MOSFETs to provide Minimum
Input
Voltage Regulation (MIVR),
Average Input
Current Regulation (AICR), high accuracy current and
voltage regulation, and charge termination.
In charge mode, the switching charger supports a
precision charging system for single cell. In boost
mode, the switching charger works as the boost
converter. And in high impedance mode, the switching
charger stops charging or boosting and operates in a
mode with low current from battery to reduce the
power consumption when the portable device is in
standby mode.
Notice that the switching charger does not integrate
input power source (AC adapter or USB input)
charging detection. Thus, the switching charger does
not set the charge current automatically. The charge
current needs to be set via I2C interface by the host.
The switching charger application mechanism and I2C
compatible interface are introduced in later sections.
Charge Mode Operation
Minimum Input Voltage Regulation (MIVR)
The switching charger features Minimum Input Voltage
Regulation function to prevent input voltage drop due
to insufficient current provided by the adaptor or USB
input. If MIVR function is enabled, the input voltage
decreases when the over current of the input power
source occurs. VBUS is regulated at a predetermined
voltage level which can be set as 4.2V to 4.8V per
0.1V by I2C interface. At this time, the current drawn by
the switching charger equals to the maximum current
value that the input power can provide at the
predetermined voltage level, instead of the set value.
Table 1. MIVR Register Setting Table
MIVR[2:0]
VMIVR
000
Disable
001
4.2V
010
4.3V
011
4.4V
100
4.5V
101
4.6V
110
4.7V (default)
111
4.8V
Charge Profile
The switching charger provides a precision Li-ion or Li-
polymer charging solution for single-cell applications.
Input current limit, charge current, termination current,
charge voltage and input voltage MIVR are all
programmable via the I2C interface. In charge mode,
the switching charger has five control loops to regulate
input current, charge current, charge voltage, input
voltage MIVR and device junction temperature. During
the charging process, all five loops (if MIVR is enabled)
are enabled and the dominant one will take over the
control.
For normal charging process, the Li-ion or Li-polymer
battery is charged in three charging modes depending
on the battery voltage. At the beginning of the charging
process, the switching charger is in pre-charge mode.
When the battery voltage rises above pre-charge
threshold voltage (VPREC), the switching charger
enters fast-charge mode. Once the battery voltage is
close
to
the
regulation
voltage
(VBATREG),
the
switching charger enters constant voltage mode.
Pre-Charge Mode
For life-cycle consideration, the battery cannot be
charged with large current under low battery condition.
When the ISENSN pin voltage is below pre-charge
threshold voltage (VPREC), the charger is in pre-charge
mode with a weak charge current witch equals to the
pre-charge current (IPREC). In pre-charge mode, the
charger basically works as a Linear Charger. The pre-
charge current also acts as the current limit when the
ISENSN pin is shorted.
The Pre-Charge current levels are 200mA to 500mA
programmed by I2C per 100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com