Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9481 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation RT9481 Datasheet HTML 25Page - Richtek Technology Corporation RT9481 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
22
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For WQFN-24L 4x4 package, the thermal
resistance,
JA, is 28C /W on a standard JEDEC 51-7
four-layer thermal test board. The maximum power
dissipation at TA = 25C can be calculated by the
following formula :
PD(MAX) = (125C  25C) / (28C /W) = 3.57W for
WQFN-24L 4x4 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure 5
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Figure 5. Derating Curve of Maximum Power
Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com