Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9481 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9481 Datasheet HTML 1Page - Richtek Technology Corporation RT9481 Datasheet HTML 2Page - Richtek Technology Corporation RT9481 Datasheet HTML 3Page - Richtek Technology Corporation RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
2
Marking Information
3X=YM
DNN
3X= : Product Code
YMDNN : Date Code
Typical Application Circuit
VMID
VHMID
RT9481
D-
AGND
BOOT
3
6
24
23
15, 25 (Exposed Pad)
1
μF/25V
C1
Input Power
22
μF x 2
C8
INT
USBOUT
SCL
13
18
17
SDA
DM
VDD28V
16
1, 2
11
Output Power
1
μF
C9
VBUS
C3
4, 5
LX
21, 22
8
ISENSP
1
μF/25V
R2
R1
1
μF/25V
C2
VDDA
14
1
μF
C4
D+
7
47nF
C7
1
μH
10
μF
C6
9
ISENSN
2.2
μF
C5
+
-
RNTC
10k
10
TS
DP
12
R4
R5
R6
VDDA
1
μF
C10
PGND
19, 20
Q1
R3
10m
L1
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com