Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9481 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation RT9481 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
21
ADC Conversion Operation Flow
Figure 4 shows ADC conversion operation flow. ADC
conversion starts from set ADC channel CH_SEL
(ADC_CLT[7:5]) and set ADC_START (ADC_CLT[0])
to
high.
ADC
conversion
time
is
25ms
and
ADC_DONEI (MISC_IRQ[7]) will set to high and
ADC_STAT (MISC_STAT1) will set to low also, the
host could read them to make sure ADC conversion
completes.
The
host
could
read
ADC
code
high
byte
(ADC_CODEH[7:0]) and low byte (ADC_CODEL[7:0])
to calculate the voltage or current measurement
relative to ADC channel.
Table 9 shows the every measurement equation of ADC
channel. Please pay attention to the calculation of IRS, it
need to consider the setting of ICHG (CHG_CTRL6[7:4]).
ADC code format is unsigned. If operation is Charger
mode, IVRS means battery charging current. If
operation
is
boost
mode,
IRS
means
battery
discharging current.
The code of
IRS is invalid if SWITCHING_EN
(CHG_STA1[0]) is set to low. And the code of
IUSBOUT is invalid if EN_LDSW (USBOUT_CTL[6]) is
set to low.
The TS pin will automatic output 35uA during ADC TS
channel under conversion. It will cause the IR drop on
NTC thermistor and then ADC measure the voltage on
TS pin. The host could get the temperature by
mapping the voltage. We suggest to use 10k
 NTC
which the beta (B25/85) is 3435k, like SEMITEC
103AT.
Table 9. Calculate Voltage or Current Measurement
ADC Channel
Measurement Equation
Measurement Range
VBAT
VBAT = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x 1.25 mV
0V to VDDA
VBUS
VBUS = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x 6.25 mV
1V to 18V
USBOUT
USBOUT = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x 6.25 mV
1V to 6V
TS
TS = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x 1.25 mV
0V to VDDA
IRS
IRS = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x ICHG x 1.25 mA
0A to 6A
IUSBOUT
IUSBOUT = ( ( ADC_CODEH x 256 ) + ADC_CODEL ) x 2.5 mA
0A to 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com