Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R1 Datasheet(PDF) 18 Page - New Japan Radio

Part # NJG1553F-R1
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R1 Datasheet(HTML) 18 Page - New Japan Radio

Back Button NJG1553F-R1 Datasheet HTML 13Page - New Japan Radio NJG1553F-R1 Datasheet HTML 14Page - New Japan Radio NJG1553F-R1 Datasheet HTML 15Page - New Japan Radio NJG1553F-R1 Datasheet HTML 16Page - New Japan Radio NJG1553F-R1 Datasheet HTML 17Page - New Japan Radio NJG1553F-R1 Datasheet HTML 18Page - New Japan Radio NJG1553F-R1 Datasheet HTML 19Page - New Japan Radio NJG1553F-R1 Datasheet HTML 20Page - New Japan Radio NJG1553F-R1 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
NJG1553F
- 18 -
nAPPLICATION CIRCUIT 2
This circuit is purposed for improving input IP3 performance by setting mixer current to around
10mA by adding external resistance to BPC terminal.
Reference value
Application 1
IIP3=+4dBm
Application 2
IIP3=+5.1dBm
PARTS LIST
1.9GHz Band
Upper LOCAL
PART ID
fLO=2110MHz
fIF=210MHz
COMMENT
L1
4.7nH
TAIYO-YUDEN(HK1608)
L2
3.3nH
TAIYO-YUDEN(HK1608)
L3
6.8nH
TAIYO-YUDEN(HK1608)
L4
4.7nH
TAIYO-YUDEN(HK1608)
L5
3.9nH
TAIYO-YUDEN(HK1608)
L6
47nH
TAIYO-YUDEN(HK1608)
L7
27nH
TAIYO-YUDEN(HK1608)
C1
560pF
MURATA(GRM39)
C2
8pF
MURATA(GRM39)
C3
100pF
MURATA(GRM39)
C4
1000pF
MURATA(GRM39)
C5
1000pF
MURATA(GRM39)
C6
10pF
MURATA(GRM39)
C7
100pF
MURATA(GRM39)
C8
1000pF
MURATA(GRM39)
R1
240
Ω
TAMA Electronics(CRG16G)
R2
430
Ω
TAMA Electronics(CRG16G)
R3
82
Ω
TAMA Electronics(CRG16G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com