Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R1 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1553F-R1
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R1 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1553F-R1 Datasheet HTML 9Page - New Japan Radio NJG1553F-R1 Datasheet HTML 10Page - New Japan Radio NJG1553F-R1 Datasheet HTML 11Page - New Japan Radio NJG1553F-R1 Datasheet HTML 12Page - New Japan Radio NJG1553F-R1 Datasheet HTML 13Page - New Japan Radio NJG1553F-R1 Datasheet HTML 14Page - New Japan Radio NJG1553F-R1 Datasheet HTML 15Page - New Japan Radio NJG1553F-R1 Datasheet HTML 16Page - New Japan Radio NJG1553F-R1 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
NJG1553F
- 13 -
nTYPICAL CHARACTERISTICS (Continued)
IFOUT PORT EXTERNAL MATCHING NETWORK IMPEDANCE PLOT
nTYPICAL CHARACTERISTICS (Application 1 1.9GHz, f
LO=2110MHz)
Condition
fIF=210MHz
PRF=-30dBm
PLO=-10dBm
VMIX=VLO=2.7V
Upper LOCAL
Condition
fIF=210MHz
fRF1=1900.0MHz
fRF2=1900.1MHz
fLO=2110MHz,PLO=-10dBm
VMIX=VLO=2.7V
5
6
7
8
9
10
6
7
8
9
10
11
1890
1895
1900
1905
1910
1915
1920
1925
Conversion Gain , Noise Figure
vs. RF Frequency
RF Frequency (MHz)
Gc
NF
-80
-60
-40
-20
0
20
-50
-40
-30
-20
-10
0
10
IF , IM3 vs. RF Power
RF Power (dBm)
IF
IM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com