Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R1 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1553F-R1
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R1 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1553F-R1 Datasheet HTML 1Page - New Japan Radio NJG1553F-R1 Datasheet HTML 2Page - New Japan Radio NJG1553F-R1 Datasheet HTML 3Page - New Japan Radio NJG1553F-R1 Datasheet HTML 4Page - New Japan Radio NJG1553F-R1 Datasheet HTML 5Page - New Japan Radio NJG1553F-R1 Datasheet HTML 6Page - New Japan Radio NJG1553F-R1 Datasheet HTML 7Page - New Japan Radio NJG1553F-R1 Datasheet HTML 8Page - New Japan Radio NJG1553F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NJG1553F
- 3 -
nELECTRICAL CHARACTERISTICS (RF 1.5GHz band)
(Ta=25°C, VMIX=2.7V, VLO=2.7V, fIF=130MHz, PLO=-10dBm
Application 1.5GHz, fLO=1619MHz)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC1
fRF=1489MHz, PRF=-30dBm
6.0
9.0
-
dB
3rd Order Intercept
Point
IIP3_1
fRF=1489.0MHz+1489.1MHz
-
-1.0
-
dBm
Noise Figure
NF1
fRF=1489.0MHz
-
6.0
8.0
dB
nELECTRICAL CHARACTERISTICS (RF 1.9GHz band)
(Ta=25°C, VMIX=2.7V, VLO=2.7V, fIF=240MHz, PLO=-10dBm
Application 1.9GHz, fLO=1660MHz)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC2
fRF=1900MHz, PRF=-30dBm
4.0
7.0
-
dB
3rd Order Intercept
Point
IIP3_2
fRF=1900.0MHz+1900.1MHz
-
4.0
-
dBm
Noise Figure
NF2
fRF=1900.0MHz
-
9.0
11.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com