Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1553F-R1
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1553F-R1 Datasheet HTML 1Page - New Japan Radio NJG1553F-R1 Datasheet HTML 2Page - New Japan Radio NJG1553F-R1 Datasheet HTML 3Page - New Japan Radio NJG1553F-R1 Datasheet HTML 4Page - New Japan Radio NJG1553F-R1 Datasheet HTML 5Page - New Japan Radio NJG1553F-R1 Datasheet HTML 6Page - New Japan Radio NJG1553F-R1 Datasheet HTML 7Page - New Japan Radio NJG1553F-R1 Datasheet HTML 8Page - New Japan Radio NJG1553F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NJG1553F
- 2 -
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C, Zs=Zl=50
Ω)
PARAMETERS
SYMBOL
CONDITIONS
RATINGS
UNITS
Mixer Supply Voltage
VMIX
5
V
Local Amplifier Supply
Voltage
VLO
5
V
Mixer RF Input Power
PRFIN
VMIX=2.7V, VLO=2.7V
10
dBm
Mixer LO Input Power
PLOIN
VMIX=2.7V, VLO=2.7V
10
dBm
Power Dissipation
PD
150
mW
Operating Temperature
Topr
-30~+85
°C
Storage Temperature
Tstg
-40~+150
°C
nRECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Mixer Supply Voltage
VMIX
2.5
2.7
4.5
V
Local Amplifier Supply
Voltage
VLO
2.5
2.7
4.5
V
nELECTRICAL CHARACTERISTICS (DC)
(Ta=25°C, VMIX=2.7V, VLO=2.7V)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Mixer Current
IMIX
PRF=OFF, PLO=OFF
-
5.0
7.0
mA
Local Amplifier Current
ILO
PRF=OFF, PLO=OFF
-
2.0
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com