Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1553F-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1553F-R1
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1553F-R1 Datasheet HTML 1Page - New Japan Radio NJG1553F-R1 Datasheet HTML 2Page - New Japan Radio NJG1553F-R1 Datasheet HTML 3Page - New Japan Radio NJG1553F-R1 Datasheet HTML 4Page - New Japan Radio NJG1553F-R1 Datasheet HTML 5Page - New Japan Radio NJG1553F-R1 Datasheet HTML 6Page - New Japan Radio NJG1553F-R1 Datasheet HTML 7Page - New Japan Radio NJG1553F-R1 Datasheet HTML 8Page - New Japan Radio NJG1553F-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NJG1553F
- 1 -
1.5GHz/1.9GHz MIXER GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1553F is a mixer GaAs MMIC featured low distortion,
high conversion gain and low noise figure.
This mixer includes a local amplifier, and ideally suitable
for 1.5/1.9Hz band digital mobile phone and PHS handsets.
The very small MTP package is adopted.
nFEATURES
lLow voltage operation
+2.7V
lHigh conversion gain
9dB typ. @fRF= 1489.0MHz, PLO= -10dBm, PRF= -30dBm
7dB typ. @fRF= 1900MHz, PLO= -10dBm, PRF= -30dBm
lHigh Input IP3
-1dBm typ. @fRF1= 1489.0MHz, fRF2= 1489.1MHz
PLO= -10dBm, PRF= -30dBm
4dBm typ. @fRF1= 1900.0MHz, fRF2= 1900.1MHz
PLO= -10dBm, PRF= -25dBm
lLow noise figure
6dB typ. @fRF= 1489.0MHz, PLO= -10dBm
9dB typ. @fRF= 1900MHz, PLO= -10dBm
lPackage
MTP6
(Mount Size: 2.8 x 2.9 x 1.2mm)
nPIN CONFIGURATION
NJG1553F
F Type
(Top View)
PIN Connection
1. IFOUT
2. BPC
3. VLO
4. LOIN
5. GND
6. RFIN
1
2
3
6
5
4
NOTE :The
portion above shows orientation mark
printed on the package surface.


Similar Part No. - NJG1553F-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1553BF-C1 NJRC-NJG1553BF-C1 Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1553BF-C2 NJRC-NJG1553BF-C2 Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1553BF-C3 NJRC-NJG1553BF-C3 Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1553BF-C4 NJRC-NJG1553BF-C4 Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
More results

Similar Description - NJG1553F-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
1.5/1.9GHz LNA GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
1.9ghZ band mixer gAaS mmic
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
1.5/1.9GHz BAND MIXER GaAs MMIC
logo
Marki Microwave
MMIQ-0626H MARKIMICROWAVE-MMIQ-0626H Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1037H MARKIMICROWAVE-MMIQ-1037H Datasheet
1Mb / 25P
Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com