Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8000 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW8000
Description  10W SPDT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8000 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW8000 Datasheet HTML 1Page - RF Micro Devices RFSW8000 Datasheet HTML 2Page - RF Micro Devices RFSW8000 Datasheet HTML 3Page - RF Micro Devices RFSW8000 Datasheet HTML 4Page - RF Micro Devices RFSW8000 Datasheet HTML 5Page - RF Micro Devices RFSW8000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RFSW8000
DS130530
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.0
V
Supply Voltage (No RF Applied)
-0.5 to +5.0
V
DC Supply Current
10
mA
Input RF Power
+40*
dBm
Max Input Power, OFDM Modulated,
3:1 Load VSWR
+36
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
*Note: Maximum input power with a 50
Ω load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
Temp = 25°C, VC = 3.0V unless otherwise
noted
Performance - Low Band
Optimized at 700MHz to 950MHz
Frequency
100
2000
MHz
Insertion Loss
0.4
0.6
dB
Input P0.1dB
39
40
dBm
At higher VCONTROL, P0.1dB will be improved
Input Return Loss
20
25
dB
Isolation
26
29
dB
Harmonics (2nd, 3rd)
80
dBc
at POUT = 30dBm
IIP3
59
dBm
Performance - Mid Band
Optimized at 2.1GHz to 2.7GHz
Frequency
2000
4500
MHz
Insertion Loss
0.55
0.65
dB
In optimized frequency band
0.95
dB
in full frequency band
Input P0.1dB
39
40
dBm
At higher VCONTROL, P0.1dB will be improved
Input Return Loss
15
20
dB
Isolation
26
29
dB
Harmonics (2nd, 3rd)
80
dBc
at POUT = 30dBm
IIP3
59
dBm
Performance - High Band
Optimized at 5.1GHz to 5.9GHz
Frequency
4500
6500
MHz
Insertion Loss
0.85
1
dB
In optimized frequency band
Input P0.1dB RF1 to RFC
35
36
dBm
At higher VCONTROL, P0.1dB will be improved
Input P0.1dB RF2 to RFC
37
38
dBm
At higher VCONTROL, P0.1dB will be improved
Input Return Loss
14
20
dB
Isolation
24
25.5
dB
Harmonics (2nd, 3rd)
80
dBc
at POUT = 30dBm
IIP3
55
dBm
Switching
Switching Speed High
300
500
nSec
50% CTL to 90/10% RF
Switching Speed Low
100
300
nSec
90/10% RF to 10/90% RF
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2011/65/EU, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com