Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8000 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSW8000
Description  10W SPDT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8000 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSW8000 Datasheet HTML 1Page - RF Micro Devices RFSW8000 Datasheet HTML 2Page - RF Micro Devices RFSW8000 Datasheet HTML 3Page - RF Micro Devices RFSW8000 Datasheet HTML 4Page - RF Micro Devices RFSW8000 Datasheet HTML 5Page - RF Micro Devices RFSW8000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
RFSW8000
DS130530
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
RFSW8000 DC Block Values
Tune Band
Freqency Range
C1
C2
C3
RFSW8000-410
100MHz to 2000MHz
1.0nF
1.0nF
1.0nF
RFSW8000-411
2000MHz to 4500MHz
33pF
33pF
33pF
RFSW8000-412
4500MHz to 6500MHz
2.0pF
2.0pF
2.0pF
1
2
3
VCC2
HDR_1X3
P1
J2
RX1
J3
RX2
C4
1000pF
VCC2
VCC1
1
2
4
3
8
7
6
5
C1
* pF
J2
RX1
C2
* pF
C3
* pF
1
2
3
VCC1
HDR_1X3
P2
C5
1000pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com