Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8000 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSW8000
Description  10W SPDT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8000 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSW8000 Datasheet HTML 1Page - RF Micro Devices RFSW8000 Datasheet HTML 2Page - RF Micro Devices RFSW8000 Datasheet HTML 3Page - RF Micro Devices RFSW8000 Datasheet HTML 4Page - RF Micro Devices RFSW8000 Datasheet HTML 5Page - RF Micro Devices RFSW8000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
RFSW8000
DS130530
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots: 100MHz to 1000MHz
Performance Plots: 1000MHz to 4500MHz
Performance Plots: 4500MHz to 6500MHz
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
100
200
300
400
500
600
700
800
900
1000
d
B
Freqency (MHz)
Insertion Loss (dB)
100MHz to 1000MHz
VCC1 =3.0V, VCC2 =0V; 25 C
IL (dB)
50
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900
1000
d
B
Frequency (MHz)
Return Loss and Isolation (dB)
100MHz to 1000MHz
VCC1 =3.0V, VCC2=0V; 25C
RL (dB)
RF1 RF2 Isolation (dB)
RF2 RF1 Isolation (dB)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
1000
1500
2000
2500
3000
3500
4000
4500
d
B
Freqency (MHz)
Insertion Loss (dB)
1000MHz to 4500MHz
VCC1 =3.0V, VCC2 =0V; 25 C
IL (dB)
45
40
35
30
25
20
15
10
5
0
1000
1500
2000
2500
3000
3500
4000
4500
d
B
Frequency (MHz)
Return Loss and Isolation (dB)
1000MHz to 4500MHz
VCC1 = 3.0V, VCC2 = 0V; 25C
RL (dB)
RF1 RF2 Isolation (dB)
RF2 RF1 Isolation (dB)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
4500
5000
5500
6000
6500
d
B
Freqency (MHz)
Insertion Loss (dB)
4500MHz to 6500MHz
VCC1 =3.0V, VCC2 =0V; 25 C
IL (dB)
30
25
20
15
10
5
0
4500
5000
5500
6000
6500
d
B
Frequency (MHz)
Return Loss and Isolation (dB)
4500MHz to 6500MHz
VCC1 = 3.0V, VCC2 = 0V;25 C
RL (dB)
RF1 RF2 Isolation (dB)
RF2 RF1 Isolation (dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com