Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8000 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW8000
Description  10W SPDT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8000 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW8000 Datasheet HTML 1Page - RF Micro Devices RFSW8000 Datasheet HTML 2Page - RF Micro Devices RFSW8000 Datasheet HTML 3Page - RF Micro Devices RFSW8000 Datasheet HTML 4Page - RF Micro Devices RFSW8000 Datasheet HTML 5Page - RF Micro Devices RFSW8000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RF1
GND
RF2
GND
VRF1
RFC
VRF2
1
2
4
3
8
7
6
5
GND
RFSW8000
2.5V TO 5.0V, 5MHz TO 6500MHz
10W SPDT SWITCH
The RFSW8000 is a high power single-pole double-throw (SPDT) switch designed for
high performance wireless applications. This wideband switch has been designed
for use from 5MHz to 6.5GHz, where extremely high linearity, high isolation, low
insertion loss, and small package size are required. Switching for the RFSW8000 is
controlled via two control voltage inputs.
The RFSW8000 is manufactured in a pHEMT GaAs process and packaged in an 8-
pin, 2.0mm x 2.0mm quad-flat no-Lead (QFN) plastic package.
Features
Single Voltage: 2.5V to 5.0V
40dBm P1dB
30dB Isolation at 2GHz
Applications
IEEE 802.11a/n WiFi Systems
IEEE 802.16 WiMAX Systems
Customer Premise Equipment
(CPE)
Wireless Access Points,
Gateways and Router
Applications
ISM Band Transmitter
Applications
DS130530
Package: QFN, 2mm x 2mm x 0.55mm
RFSW8000
2.5V TO 5.0V,
5MHz TO
6500MHz
RFSW8000-410 RFSW8000 eval board (100MHz to 2000MHz) and 5-piece bag
RFSW8000-411 RFSW8000 eval board (2000MHz to 4500MHz) and 5-piece bag
RFSW8000-412 RFSW8000 eval board (4500MHz to 6500MHz) and 5-piece bag
RFSW8000SB
5-Piece bag
RFSW8000SR
100-Piece reel
RFSW8000TR7
2500-Piece reel
RFSW8000SQ
25-Piece bag


Similar Part No. - RFSW8000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
RFSW8008PCK-410 QORVO-RFSW8008PCK-410 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results

Similar Description - RFSW8000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
SPDT Switch
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
SPDT, Switch
April, 2007 ??Rev. 0
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com