Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8000 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW8000
Description  10W SPDT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8000 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW8000 Datasheet HTML 1Page - RF Micro Devices RFSW8000 Datasheet HTML 2Page - RF Micro Devices RFSW8000 Datasheet HTML 3Page - RF Micro Devices RFSW8000 Datasheet HTML 4Page - RF Micro Devices RFSW8000 Datasheet HTML 5Page - RF Micro Devices RFSW8000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RFSW8000
DS130530
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RFSW8000 Control Truth Table
Pin Out
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Control Voltage
Control Voltage High
2.5
3
5
V
Control Voltage Low
0.2
V
Control Current
5
μA
Generic Performance
ESD
Human Body Model
250
V
EIA/JESD22-114A RF pins
500
V
EIA/JESD22-114A DC pins
Charge Device Model
1000
V
JESD22-C101C all pins
Switch status
Logic control
RF1 to RFC
RF2 to RFC
VRF1
VRF2
ON
OFF
High
Low
OFF
ON
Low
High
Pin Names and Description
Pin
Function
Description
1RF1
RF port 1, is internally matched to 50
Ω.
2GND
Ground connection.
3GND
Ground connection.
4RF2
RF port 2, is internally matched to 50
Ω.
5VRF2
Logic control for RF2 port.
6GND
Ground connection.
7RFC
RF common port, is internally matched to 50
Ω.
8VRF1
Logic control for RF1 port.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as
short connection as possible. PCB vias under the device are recommended.
1
2
4
3
8
7
6
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com